Part Number Hot Search : 
3KP130A 01762 KBPC5000 4X001 PN268NC Y100E TDA2125A D2031UK
Product Description
Full Text Search
 

To Download 2SA733-X-T92-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SA733
LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
DESCRIPTION
The UTC 2SA733 is a low frequency amplifier.
PNP SILICON TRANSISTOR
3
3
2
1
2
1
SOT-23
SOT-323
FEATURES
* Collector-emitter voltage: BVCBO=-50V * Collector current up to -150mA * High hFE linearity * Complimentary to 2SC945
1 TO-92
*Pb-free plating product number:2SA733L
ORDERING INFORMATION
Ordering Number Normal Lead Free Plating 2SA733-x-AE3-R 2SA733L-x-AE3-R 2SA733-x-AL3-R 2SA733L-x-AL3-R 2SA733-x-T92-B 2SA733L-x-T92-B 2SA733-X-T92-K 2SA733L-x-T92-K Package SOT-23 SOT-323 TO-92 TO-92 Pin Assignment 1 2 3 E B C E B C E C B E C B Packing Tape Reel Tape Reel Tape Box Bulk
MARKING (For SOT Package)
A7
www.unisonic.com.tw Copyright (c) 2008 Unisonic Technologies Co., Ltd
1 of 4
QW-R206-068,C
2SA733
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage SYMBOL VCBO VCEO VEBO
PNP SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATING (Ta=25 , unless otherwise specified)
RATINGS UNIT -60 V -50 V -5 V SOT-23/SOT-323 250 mW Collector Dissipation PC TO-92 1 W Collector Current IC -150 mA Junction Temperature TJ 125 Storage Temperature TSTG -55 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25 , unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain Current Gain Bandwidth Product Output Capacitance Noise Figure SYMBOL BVCBO BVCEO VCE(SAT) ICBO IEBO hFE fT Cob NF TEST CONDITIONS IC=-100A, IE=0 IC=-10mA, IB=0 IC=-100mA, IB=-10mA VCB=-40V, IE=0 VEB=-3V, IC=0 VCE=-6V, IC=-1mA VCE=-10V, IC=-50mA VCB=-10V, IE=0, f=1MHz IC=-0.1mA, VCE=-6V RG=10k, f=100Hz MIN -60 -50 TYP MAX UNIT V V -0.1 -0.3 V -100 nA -100 nA 600 190 MHz 2.0 3.0 pF 4.0 6.0 dB
90 100
CLASSIFICATION OF hFE
RANK RANGE R 90-180 Q 135-270 P 200-400 K 300-600
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R206-068,C
2SA733
Current Gain-Bandwidth Product, fT(MHz) Collector Current, IC (mA) Collector Current, IC (mA)
TYPICAL CHARACTERISTICS
UNISONIC TECHNOLOGIES CO., LTD
Saturation Voltage (MV) DC Current Gain, hFE
www.unisonic.com.tw
Capacitance, Cob (pF)
PNP SILICON TRANSISTOR
3 of 4
QW-R206-068,C
2SA733
PNP SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R206-068,C


▲Up To Search▲   

 
Price & Availability of 2SA733-X-T92-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X